| データシートサーチシステム |
|
STLUX385ATR データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX385ATR データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 99 page ![]() Memory and register map STLUX385A 44/98 DocID024387 Rev 2 6.2.10 Inter-integrated circuit interface (I2C) Table 18. I2C register map Address Block Register name Register description 0x00.5210 I2C I 2 C_CR1 I 2 C control register 1 0x00.5211 I 2 C_CR2 I 2 C control register 2 0x00.5212 I 2 C_FREQR I 2 C frequency register 0x00.5213 I 2 C_OARL I 2 C own add-low reg. 0x00.5214 I 2 C_OARH I 2 C own add-high reg. 0x00.5215 RFU Reserved for future use 0x00.5216 I 2 C_DR I 2 C data register 0x00.5217 I 2 C_SR1 I 2 C status register 1 0x00.5218 I 2 C_SR2 I 2 C status register 2 0x00.5219 I 2 C_SR3 I 2 C status register 3 0x00.521A I 2 C_ITR I 2 C interrupt and DMA control 0x00.521B I 2 C_CCRL I 2 C clock control 0x00.521C I 2 C_CCRH I 2 C clock control 0x00.521D I 2 C_TRISER I 2 C rising edge |