| データシートサーチシステム |
|
S12SPIV2D データシート(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D データシート(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 34 $0080 - $009F ATD0 (Analog to Digital Converter 10 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0080 ATD0CTL0 Read: 00000000 Write: $0081 ATD0CTL1 Read: 00000000 Write: $0082 ATD0CTL2 Read: ADPU AFFC AWAI ETRIGLE ETRIGP ETRIG ASCIE ASCIF Write: $0083 ATD0CTL3 Read: 0 S8C S4C S2C S1C FIFO FRZ1 FRZ0 Write: $0084 ATD0CTL4 Read: SRES8 SMP1 SMP0 PRS4 PRS3 PRS2 PRS1 PRS0 Write: $0085 ATD0CTL5 Read: DJM DSGN SCAN MULT 0 CC CB CA Write: $0086 ATD0STAT0 Read: SCF 0 ETORF FIFOR 0 CC2 CC1 CC0 Write: $0087 Reserved Read: 00000000 Write: $0088 ATD0TEST0 Read: 00000000 Write: $0089 ATD0TEST1 Read: 0000000 SC Write: $008A Reserved Read: 00000000 Write: $008B ATD0STAT1 Read: CCF7 CCF6 CCF5 CCF4 CCF3 CCF2 CCF1 CCF0 Write: $008C Reserved Read: 00000000 Write: $008D ATD0DIEN Read: Bit 7 654321 Bit 0 Write: $008E Reserved Read: 00000000 Write: $008F PORTAD0 Read: Bit7 654321 BIT 0 Write: $0090 ATD0DR0H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0091 ATD0DR0L Read: Bit7 Bit6 000000 Write: $0092 ATD0DR1H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0093 ATD0DR1L Read: Bit7 Bit6 000000 Write: $0094 ATD0DR2H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0095 ATD0DR2L Read: Bit7 Bit6 000000 Write: $0096 ATD0DR3H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0097 ATD0DR3L Read: Bit7 Bit6 000000 Write: $0098 ATD0DR4H Read: Bit15 14 13 12 11 10 9 Bit8 Write: |