| データシートサーチシステム |
|
S12SPIV2D データシート(PDF) 78 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D データシート(HTML) 78 Page - Freescale Semiconductor, Inc |
|
78 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 78 Consult the FTS64K Block User Guide for information about the flash module. The "S12 LRAE" is a generic Load RAM and Execute (LRAE) program which will be programmed into the flash memory of this device during manufacture. This LRAE program will provide greater programming flexibility to the end users by allowing the device to be programmed directly using CAN or SCI after it is assembled on the PCB. Use of the LRAE program is at the discretion of the end user and, if not required, it must simply be erased prior to flash programming. For more details of the S12 LRAE and its implementation, please see the S12 LREA Application Note (AN2546/D). It is planned that most HC9S12 devices manufactured after Q1 of 2004 will be shipped with the S12 LRAE programmed in the Flash . Exact details of the changeover (ie blank to programmed) for each product will be communicated in advance via GPCN and will be traceable by the customer via datecode marking on the device. Please contact Motorola SPS Sales if you have any additional questions. Section 17 EEPROM 1K Block Description Consult the EETS1K Block User Guide for information about the EEPROM module. Section 18 RAM Block Description This module supports single-cycle misaligned word accesses. Section 19 MSCAN Block Description Consult the MSCAN Block User Guide for information about the Motorola Scalable CAN Module. Section 20 Port Integration Module (PIM) Block Description Consult the PIM_9DJ64 Block User Guide for information about the Port Integration Module. Section 21 Voltage Regulator (VREG) Block Description Consult the VREG Block User Guide for information about the dual output linear voltage regulator. Section 22 Printed Circuit Board Layout Proposals |