| データシートサーチシステム |
|
S12SPIV2D データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 49 Section 2 Signal Description This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal properties, and detailed discussion of signals. It is built from the signal description sections of the Block Guides of the individual IP blocks on the device. 2.1 Device Pinout The MC9S12DJ64 is available in a 112-pin low profile quad flat pack (LQFP) and in a 80-pin quad flat pack (QFP). Most pins perform two or more functions, as described in the Signal Descriptions. Figure 2-1 and Figure 2-2 show the pin assignments. |