| データシートサーチシステム |
|
S12SPIV2D データシート(PDF) 77 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D データシート(HTML) 77 Page - Freescale Semiconductor, Inc |
|
77 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 77 Section 10 Analog to Digital Converter (ATD) Block Description There are two Analog to Digital Converters (ATD1 and ATD0) implemented on the MC9S12DJ64. Consult the ATD_10B8C Block User Guide for information about each Analog to Digital Converter module. When the ATD_10B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 11 Inter-IC Bus (IIC) Block Description Consult the IIC Block User Guide for information about the Inter-IC Bus module. Section 12 Serial Communications Interface (SCI) Block Description There are two Serial Communications Interfaces (SCI1 and SCI0) implemented on the MC9S12DJ64 device. Consult the SCI Block User Guide for information about each Serial Communications Interface module. Section 13 Serial Peripheral Interface (SPI) Block Description Consult the SPI Block User Guide for information about each Serial Peripheral Interface module. Section 14 J1850 (BDLC) Block Description Consult the BDLC Block User Guide for information about the J1850 module. Section 15 Pulse Width Modulator (PWM) Block Description Consult the PWM_8B8C Block User Guide for information about the Pulse Width Modulator module. When the PWM_8B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 16 Flash EEPROM 64K Block Description |