| データシートサーチシステム |
|
DSPIC33FJMC302ESS データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302ESS データシート(HTML) 37 Page - Microchip Technology |
|
37 / 330 page ![]() TABLE 4-5: TIMER REGISTER MAP SFR Name SFR Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TMR1 0100 Timer1 Register 0000 PR1 0102 Period Register 1 FFFF T1CON 0104 TON — TSIDL — — — — — — TGATE TCKPS<1:0> — TSYNC TCS — 0000 TMR2 0106 Timer2 Register 0000 TMR3HLD 0108 Timer3 Holding Register (for 32-bit timer operations only) xxxx TMR3 010A Timer3 Register 0000 PR2 010C Period Register 2 FFFF PR3 010E Period Register 3 FFFF T2CON 0110 TON — TSIDL — — — — — — TGATE TCKPS<1:0> T32 — TCS — 0000 T3CON 0112 TON — TSIDL — — — — — — TGATE TCKPS<1:0> — — TCS — 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-6: INPUT CAPTURE REGISTER MAP SFR Name SFR Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets IC1BUF 0140 Input 1 Capture Register xxxx IC1CON 0142 — — ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 IC2BUF 0144 Input 2 Capture Register xxxx IC2CON 0146 — — ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 IC7BUF 0158 Input 7 Capture Register xxxx IC7CON 015A — — ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 IC8BUF 015C Input 8 Capture Register xxxx IC8CON 015E — — ICSIDL — — — — — ICTMR ICI<1:0> ICOV ICBNE ICM<2:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-7: OUTPUT COMPARE REGISTER MAP SFR Name SFR Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets OC1RS 0180 Output Compare 1 Secondary Register xxxx OC1R 0182 Output Compare 1 Register xxxx OC1CON 0184 — — OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 OC2RS 0186 Output Compare 2 Secondary Register xxxx OC2R 0188 Output Compare 2 Register xxxx OC2CON 018A — — OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |