| データシートサーチシステム |
|
DSPIC33FJMC302ESS データシート(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302ESS データシート(HTML) 82 Page - Microchip Technology |
|
82 / 330 page ![]() dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 DS70283K-page 82 © 2007-2012 Microchip Technology Inc. REGISTER 7-7: IFS3: INTERRUPT FLAG STATUS REGISTER 3 R/W-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 U-0 FLTA1IF — — — — QEIIF PWM1IF — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 FLTA1IF: PWM1 Fault A Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 14-11 Unimplemented: Read as ‘0’ bit 10 QEIIF: QEI Event Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 9 PWM1IF: PWM1 Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 8-0 Unimplemented: Read as ‘0’ |