| データシートサーチシステム |
|
DSPIC33FJMC302ESS データシート(PDF) 81 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302ESS データシート(HTML) 81 Page - Microchip Technology |
|
81 / 330 page ![]() © 2007-2012 Microchip Technology Inc. DS70283K-page 81 dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 REGISTER 7-6: IFS1: INTERRUPT FLAG STATUS REGISTER 1 U-0 U-0 R/W-0 U-0 U-0 U-0 U-0 U-0 — —INT2IF — — — — — bit 15 bit 8 R/W-0 R/W-0 U-0 R/W-0 R/W-0 U-0 R/W-0 R/W-0 IC8IF IC7IF — INT1IF CNIF — MI2C1IF SI2C1IF bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 Unimplemented: Read as ‘0’ bit 13 INT2IF: External Interrupt 2 Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 12-8 Unimplemented: Read as ‘0’ bit 7 IC8IF: Input Capture Channel 8 Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 6 IC7IF: Input Capture Channel 7 Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 5 Unimplemented: Read as ‘0’ bit 4 INT1IF: External Interrupt 1 Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 3 CNIF: Input Change Notification Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 2 Unimplemented: Read as ‘0’ bit 1 MI2C1IF: I2C1 Master Events Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 0 SI2C1IF: I2C1 Slave Events Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred |