| データシートサーチシステム |
|
DSPIC33FJMC302ESS データシート(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302ESS データシート(HTML) 69 Page - Microchip Technology |
|
69 / 330 page ![]() © 2007-2012 Microchip Technology Inc. DS70283K-page 69 dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 6.9 Configuration Mismatch Reset To maintain the integrity of the peripheral pin select control registers, they are constantly monitored with shadow registers in hardware. If an unexpected change in any of the registers occur (such as cell disturbances caused by ESD or other external events), a configuration mismatch Reset occurs. The Configuration Mismatch Flag bit (CM) in the Reset Control register (RCON<9>) is set to indicate the configuration mismatch Reset. Refer to Section 10.0 “I/O Ports” for more information on the configuration mismatch Reset. 6.10 Illegal Condition Device Reset An illegal condition device Reset occurs due to the following sources: • Illegal Opcode Reset • Uninitialized W Register Reset • Security Reset The Illegal Opcode or Uninitialized W Access Reset Flag bit (IOPUWR) in the Reset Control register (RCON<14>) is set to indicate the illegal condition device Reset. 6.10.1 ILLEGAL OPCODE RESET A device Reset is generated if the device attempts to execute an illegal opcode value that is fetched from program memory. The illegal opcode Reset function can prevent the device from executing program memory sections that are used to store constant data. To take advantage of the illegal opcode Reset, use only the lower 16 bits of each program memory section to store the data values. The upper 8 bits should be programmed with 3Fh, which is an illegal opcode value. 6.10.2 UNINITIALIZED W REGISTER RESET Any attempts to use the uninitialized W register as an address pointer will Reset the device. The W register array (with the exception of W15) is cleared during all resets and is considered uninitialized until written to. 6.10.3 SECURITY RESET If a Program Flow Change (PFC) or Vector Flow Change (VFC) targets a restricted location in a protected segment (Boot and Secure Segment), that operation will cause a security Reset. The PFC occurs when the Program Counter is reloaded as a result of a Call, Jump, Computed Jump, Return, Return from Subroutine, or other form of branch instruction. The VFC occurs when the Program Counter is reloaded with an Interrupt or Trap vector. Refer to Section 21.8 “Code Protection and CodeGuard™ Security” for more information on Security Reset. 6.11 Using the RCON Status Bits The user application can read the Reset Control regis- ter (RCON) after any device Reset to determine the cause of the reset. Table 6-3 provides a summary of the reset flag bit operation. TABLE 6-3: RESET FLAG BIT OPERATION Note: The configuration mismatch feature and associated reset flag is not available on all devices. Note: The status bits in the RCON register should be cleared after they are read so that the next RCON register value after a device Reset will be meaningful. Flag Bit Set by: Cleared by: TRAPR (RCON<15>) Trap conflict event POR,BOR IOPWR (RCON<14>) Illegal opcode or uninitialized W register access or Security Reset POR,BOR CM (RCON<9>) Configuration Mismatch POR,BOR EXTR (RCON<7>) MCLR Reset POR SWR (RCON<6>) RESET instruction POR,BOR WDTO (RCON<4>) WDT time-out PWRSAV instruction, CLRWDT instruction, POR,BOR SLEEP (RCON<3>) PWRSAV #SLEEP instruction POR,BOR IDLE (RCON<2>) PWRSAV #IDLE instruction POR,BOR BOR (RCON<1>) POR, BOR — POR (RCON<0>) POR — Note: All Reset flag bits can be set or cleared by user software. |