| データシートサーチシステム |
|
USB2422/MJ データシート(PDF) 18 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422/MJ データシート(HTML) 18 Page - SMSC Corporation |
|
18 / 51 page ![]() 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (06-04-13) 18 SMSC USB2422 DATASHEET Chapter 3 Battery Charging Support The USB2422 SMSC hub provides support for battery charging devices on a per port basis in compliance with the USB Battery Charging Specification, Revision 1.1. The hub can be configured to individually enable each downstream port for battery charging support either via pin strapping (Port 1 only) as illustrated in Figure 3.1 or by setting the corresponding configuration bits via SMBus (Section 4.1 on page 20). Figure 3.1 Battery Charging via External Power Supply Note: RSTRAP enables battery charging. 3.1 USB Battery Charging A downstream port enabled for battery charging turns on port power as soon as the power on reset and hardware configuration process has completed. The hub does not need to be enumerated nor does VBUS_DET need to be asserted for the port power to be enabled. These conditions allow battery charging in S3, S4, and S5 system power states as well as in the fully operational state. The USB Battery Charging Specification does not interfere with standard USB operation, which allows a device to perform battery charging at any time. A port that supports battery charging must be able to support 1.5 amps of current on VBUS. Standard USB port power controllers typically only allow for 0.8 amps of current before detecting an over-current condition. Therefore, the 5 volt power supply, port power controller, or over-current protection devices must be chosen to handle the larger current demand compared to standard USB hub designs. 3.1.1 Special Behavior of PRTPWR Pins The USB2422 enables VBUS by asserting the port power (PRTPWR[2:1]) as soon as the hardware configuration process has completed. If the port detects an over-current condition, PRTPWR[2:1] will be turned off to protect the circuitry from overloading. If an over-current condition is detected when the hub is not enumerated, PRTPWR[2:1] can only be turned on from the host or if RESET_N is toggled. These behaviors provide battery charging even when the hub is not enumerated and protect the hub from sustained short circuit conditions. If the short circuit condition persists when the hub is plugged into a host system the user is notified that a port has an over-current condition. Otherwise PRTPWR[2:1] turned on by the host system and the ports operate normally. USB2422 USB Port Power Controller IN EN FLAG VBUS 5.0 V 3.3 V RSTRAP PRTPWR1 OCSx_N |