データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2422/MJ データシート(PDF) 43 Page - SMSC Corporation

部品番号 USB2422/MJ
部品情報  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422/MJ データシート(HTML) 43 Page - SMSC Corporation

Back Button USB2422/MJ Datasheet HTML 39Page - SMSC Corporation USB2422/MJ Datasheet HTML 40Page - SMSC Corporation USB2422/MJ Datasheet HTML 41Page - SMSC Corporation USB2422/MJ Datasheet HTML 42Page - SMSC Corporation USB2422/MJ Datasheet HTML 43Page - SMSC Corporation USB2422/MJ Datasheet HTML 44Page - SMSC Corporation USB2422/MJ Datasheet HTML 45Page - SMSC Corporation USB2422/MJ Datasheet HTML 46Page - SMSC Corporation USB2422/MJ Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
43
Revision 1.0 (06-04-13)
DATASHEET
5.2.1
Pin Capacitance
Table 5.2 Pin Capacitance
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input
Capacitance
CXTAL
6
pF
All pins except USB pins and the pins
under the test tied to AC ground.
Input Capacitance
CIN
6
pF
Capacitance TA = 25°C
fc = 1 MHz
VDD33 = 3.3 V
Output Capacitance
COUT
6
pF
The maximum capacitance values
include the full length of the pin pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51