| データシートサーチシステム |
|
USB2422/MJ データシート(PDF) 29 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422/MJ データシート(HTML) 29 Page - SMSC Corporation |
|
29 / 51 page ![]() 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB2422 29 Revision 1.0 (06-04-13) DATASHEET 4.4.8 Configuration Data Byte 2 Register (CFG2) Address: 07h Size: 8 bits BITS DESCRIPTION TYPE DEFAULT 7 Dynamic Power Enable (DYNAMIC) Controls the ability of the Hub to automatically change from Self-Powered operation to Bus- Powered operation if the local power source is removed or is unavailable (and from Bus-Powered to Self-Powered if the local power source is restored). Note: If the local power source is available, the Hub will always switch to Self-Powered operation. When Dynamic Power switching is enabled, the Hub detects the availability of a local power source by monitoring the external LOCAL_PWR pin. If the Hub detects a change in power source availability, the Hub immediately disconnects and removes power from all downstream devices and disconnects the upstream port. The Hub will then re-attach to the upstream port as either a Bus-Powered Hub (if local-power is unavailable) or a Self- Powered Hub (if local power is available). 0 = No Dynamic auto-switching (pin becomes SUSP_IND) and the hub controller will utilize the inverse of the SELF_BUS_PWR bit for 'Hub_Status_Field' bit '0' (local power source) 1 = Dynamic Auto-switching capable (pin becomes LOCAL_PWR) and the hub controller will utilize the LOCAL_PWR pin for 'Hub_Status_Field' bit '0' (local power source) R/W 0b 6 RESERVED -- 5:4 Over Current Timer Delay (OC_TIMER) 00 = 0.1ms 01 = 4ms 10 = 8ms 11 = 16ms R/W 00b 3 Compound Device (COMPOUND) Allows the OEM to indicate that the Hub is part of a compound (see the USB Specification for definition) device. The applicable port(s) must also be defined as having a “Non-Removable Device”. Note: When configured via strapping options, declaring a port as non- removable automatically causes the hub controller to report that it is part of a compound device. 0 = No 1 = Yes, Hub is part of a compound device R/W 0b 2:0 RESERVED -- |