データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2422/MJ データシート(PDF) 22 Page - SMSC Corporation

部品番号 USB2422/MJ
部品情報  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422/MJ データシート(HTML) 22 Page - SMSC Corporation

Back Button USB2422/MJ Datasheet HTML 18Page - SMSC Corporation USB2422/MJ Datasheet HTML 19Page - SMSC Corporation USB2422/MJ Datasheet HTML 20Page - SMSC Corporation USB2422/MJ Datasheet HTML 21Page - SMSC Corporation USB2422/MJ Datasheet HTML 22Page - SMSC Corporation USB2422/MJ Datasheet HTML 23Page - SMSC Corporation USB2422/MJ Datasheet HTML 24Page - SMSC Corporation USB2422/MJ Datasheet HTML 25Page - SMSC Corporation USB2422/MJ Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
22
SMSC USB2422
DATASHEET
6. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset
sequence. The host then configures the hub and the hub’s downstream port devices in accordance
with the specification.
The hub does not propagate the upstream USB reset to downstream devices.
4.3
SMBus
The SMSC hub can be configured by an external processor via an SMBus interface (see Table 4.1 for
details on enabling the SMBus interface). The SMSC hub waits indefinitely for the SMBus code load
to complete and only appears as a newly connected device on USB after the code load is complete.
The hub’s SMBus acts as a slave-only SMBus device. The implementation only supports block write
(Section 4.3.2.1) and block read (Section 4.3.2.2) protocols. Reference the System Management Bus
Specification [2] for additional information.
Refer to Section 4.4, "SMBus Registers," on page 24 for details on all SMBus accessible registers.
4.3.1
SMBus Slave Address
The 7-bit slave address is 0101100b. The hub will not respond to the general call address of 0000000b.
4.3.2
Protocol Implementation
Typical block write and block read protocols are shown in figures 4.2 and 4.3. Register accesses are
performed using 7-bit slave addressing, an 8-bit register address field, and an 8-bit data field. The
shading shown in the figures during a read or write indicates the hub is driving data on the SMBDATA
line; otherwise, host data is on the SMBDATA line.
The SMBus slave address assigned to the hub (0101100b) allows it to be identified on the SMBus.
The register address field is the internal address of the register to be accessed. The register data field
is the data that the host is attempting to write to the register or the contents of the register that the
host is attempting to read.
Note: Data bytes are transferred MSB first.
4.3.2.1
Block Write/Read
The block write begins with a slave address and a write condition. After the command code, the host
issues a byte count which describes how many more bytes will follow in the message. If a slave had
20 bytes to send, the first byte would be the number 20 (14h), followed by the 20 bytes of data. The
byte count may not be zero. A block write or read allows a transfer maximum of 32 data bytes.
Note: For the following SMBus tables:
Figure 4.2 Block Write
4.3.2.2
Block Read
A block read differs from a block write in that the repeated start condition exists to satisfy the SMBus
specification’s requirement for a change in the transfer direction.
Denotes Master-to-Slave
Denotes Slave-to-Master
S
Slave Address
Register Address
Wr
A
171
18
A
1
...
1
81
Byte Count = N
A
Data byte 1
A
Data byte 2
A
81
1
1
88
Data byte N
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51