| データシートサーチシステム |
|
TN8044AH-R0117 データシート(PDF) 58 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 データシート(HTML) 58 Page - InnovASIC, Inc |
|
58 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 58 of 65 1-888-824-4184 ® Table 54. Logic Operations Mnemonic Description Byte Cycle ANL A,Rn AND register to accumulator 1 1 ANL A,direct AND direct byte to accumulator 2 1 ANL A,@Ri AND indirect RAM to accumulator 1 1 ANL A,#data AND immediate data to accumulator 2 1 ANL direct,A AND accumulator to direct byte 2 1 ANL direct,#data AND immediate data to direct byte 3 2 ORL A,Rn OR register to accumulator 1 1 ORL A,direct OR direct byte to accumulator 2 1 ORL A,@Ri OR indirect RAM to accumulator 1 1 ORL A,#data OR immediate data to accumulator 2 1 ORL direct,A OR accumulator to direct byte 2 1 ORL direct,#data OR immediate data to direct byte 3 2 XRL A,Rn Exclusive OR register to accumulator 1 1 XRL A,direct Exclusive OR direct byte to accumulator 2 1 XRL A,@Ri Exclusive OR indirect RAM to accumulator 1 1 XRL A,#data Exclusive OR immediate data to accumulator 2 1 XRL direct,A Exclusive OR accumulator to direct byte 2 1 XRL direct,#data Exclusive OR immediate data to direct byte 3 2 CLR A Clear accumulator 1 1 CPL A Complement accumulator 1 1 RL A Rotate accumulator left 1 1 RLC A Rotate accumulator left through carry 1 1 RR A Rotate accumulator right 1 1 RRC A Rotate accumulator right through carry 1 1 SWAP A Swap nibbles within the accumulator 1 1 |