| データシートサーチシステム |
|
TN8044AH-R0117 データシート(PDF) 62 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 データシート(HTML) 62 Page - InnovASIC, Inc |
|
62 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 62 of 65 1-888-824-4184 ® 9. Errata 9.1 Summary Table 60 presents a summary of errata in the IA8044/IA8344 controller. Table 60. Summary of Errata Errata No. Problem Ver. 3 1 Cannot read internal ROM with EPROM verification method. Exists 2 The device has a different pullup value than the Intel version. Exists 3 The device responds to an idle flag one bit time too early. Exists 4 Under certain conditions the SIU will overwrite the RCB register when starting a transmission. Exists 9.2 Detail Errata No. 1 Problem: Cannot read internal ROM with EPROM verification method. Description: The IA8044/IA8344 does not contain internal EPROM and therefore does not support the EPROM read feature. Workaround: Must use alternate method to read internal ROM. Errata No. 2 Problem: The device has a different pullup value than the Intel version. Description: The Intel version can source more current than the IA8044/IA8344. Workaround: Adjust external circuits if necessary. |