| データシートサーチシステム |
|
TN8044AH-R0117 データシート(PDF) 61 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 データシート(HTML) 61 Page - InnovASIC, Inc |
|
61 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 61 of 65 1-888-824-4184 ® 8. Innovasic/Intel Part Number Cross-Reference Tables Tables 58 and 59 cross-reference each Innovasic part number with the corresponding Intel part number for the PDIP and PLCC, respectively. Table 58. Innovasic/Intel Part Number Cross-Reference for the PDIP Innovasic Part Number Intel Part Number Package Type Temperature Grades IA8X44PDW40IR3 lead-free (RoHS) P8344 P8344AH TP8344AH P8044 P8044AH P8044AH-R0117 TP8044AH TP8044AH-R0117 40-Pin Plastic Dual In-Line Package (PDIP) (600 mils) Industrial IA8X44PDW40I3 lead frame (SnPb) Table 59. Innovasic/Intel Part Number Cross-Reference for the PLCC Innovasic Part Number Intel Part Number Package Type Temperature Grades IA8X44-PLC44I-R-P03 lead-free (RoHS) N8344 N8344AH TN8344AH N8044 N8044AH N8044AH-R0117 TN8044AH TN8044AH-R0117 8044AHN 8044AN 44-Pin Plastic Leaded Chip Carrier (PLCC) Industrial IA8X44PLC44I3 lead frame (SnPb) |