| データシートサーチシステム |
|
TN8044AH-R0117 データシート(PDF) 14 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 データシート(HTML) 14 Page - InnovASIC, Inc |
|
14 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 14 of 65 1-888-824-4184 ® 2.3 PLCC Package The pinout for the IA8044 and IA8344 44 PLCC package is as shown in Figure 3. Although Figure 3 shows ―IA8X44,‖ each device has a complete part number marked on its face (see Chapter 8, Innovasic/Intel Part Number Cross-Reference Tables). The corresponding pinout is provided in Table 2. Figure 3. IA8044 and IA8344 44-Pin PLCC Package Diagram P2.6 (12) N.C. (7) P1.5 (8) P1.6 (9) P1.7 (10) RST/ VPD (11) P3.0 (13) P3.1 (14) P3.2 (15) P3.3 (16) P3.4 (17) P3.5 P0.4 ALE N.C. EA P0.6 P0.5 (34) (39) (38) (37) (36) (35) (33) (32) (31) (30) (29) P2.5 P2.7 PSEN P0.7 IA8X44 PLCC ® |