データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1956IGN データシート(PDF) 15 Page - Linear Technology

部品番号 LT1956IGN
部品情報  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN データシート(HTML) 15 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 11Page - Linear Technology LT1956IGN Datasheet HTML 12Page - Linear Technology LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology LT1956IGN Datasheet HTML 16Page - Linear Technology LT1956IGN Datasheet HTML 17Page - Linear Technology LT1956IGN Datasheet HTML 18Page - Linear Technology LT1956IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LT1956/LT1956-5
1956f
internal switch will ramp up VIN current into the diode in an
attempt to get it to recover. Then, when the diode has
finally turned off, some tens of nanoseconds later, the VSW
node voltage ramps up at an extremely high dV/dt, per-
haps 5 to even 10V/ns ! With real world lead inductances,
the VSW node can easily overshoot the VIN rail. This can
result in poor RFI behavior and if the overshoot is severe
enough, damage the IC itself.
The suggested catch diode (D1) is an International Recti-
fier 10MQ060N Schottky. It is rated at 1.5A average
forward current and 60V reverse voltage. Typical forward
voltage is 0.63V at 1A. The diode conducts current only
during switch off time. Peak reverse voltage is equal to
regulator input voltage. Average forward current in normal
operation can be calculated from:
ID(AVG) = IOUT (1 – DC)
This formula will not yield values higher than 1.5A with
maximum load current of 1.5A. The only reason to
consider a larger diode is the worst-case condition of a
high input voltage and shorted output. With a shorted
condition, diode current will increase to a typical value of
2A, determined by peak switch current limit. This is safe
for short periods of time, but it would be prudent to check
with the diode manufacturer if continuous operation
under these conditions must be tolerated.
BOOST PIN
For most applications, the boost components are a 0.1
µF
capacitor and an MMSD914TI diode. The anode is typi-
cally connected to the regulated output voltage to generate
a voltage approximately VOUT above VIN to drive the output
stage. However, the output stage discharges the boost
capacitor during the on time of the switch. The output
driver requires at least 3V of headroom throughout this
period to keep the switch fully saturated. If the output
voltage is less than 3V, it is recommended that an alternate
boost supply is used. The boost diode can be connected to
the input, although, care must be taken to prevent the 2
×
VIN boost voltage from exceeding the BOOST pin absolute
maximum rating. The additional voltage across the switch
driver also increases power loss, reducing efficiency. If
available, an independent supply can be used with a local
bypass capacitor.
A 0.1
µF boost capacitor is recommended for most appli-
cations. Almost any type of film or ceramic capacitor is
suitable, but the ESR should be <1
Ω to ensure it can be
fully recharged during the off time of the switch. The
capacitor value is derived from worst-case conditions of
1800ns on time, 42mA boost current and 0.7V discharge
ripple. The boost capacitor value could be reduced under
less demanding conditions, but this will not improve
circuit operation or efficiency. Under low input voltage and
low load conditions, a higher value capacitor will reduce
discharge ripple and improve start-up operation.
SHUTDOWN FUNCTION AND UNDERVOLTAGE
LOCKOUT
Figure 4 shows how to add undervoltage lockout (UVLO)
to the LT1956. Typically, UVLO is used in situations where
the input supply is
current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
Threshold voltage for lockout is about 2.38V. A 5.5
µA bias
current flows
out of the pin at this threshold. The internally
generated current is used to force a default high state on
the shutdown pin if the pin is left open. When low shut-
down current is not an issue, the error due to this current
can be minimized by making RLO 10k or less. If shutdown
current is an issue, RLO can be raised to 100k, but the error
due to initial bias current and changes with temperature
should be considered.
Rk
R
RV
V
VR
A
LO
HI
LO
IN
LO
=
()
=
()
()
10
238
238
5 5
to 100k 25k suggested
.
..
µ
VIN = minimum input voltage
Keep the connections from the resistors to the shutdown
pin short and make sure that interplane or surface capaci-
tance to the switching nodes are minimized. If high
resistor values are used, the shutdown pin should be
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com