データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV601JS データシート(PDF) 37 Page - Analog Devices

部品番号 ADV601JS
部品情報  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV601JS データシート(HTML) 37 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 33Page - Analog Devices ADV601JS Datasheet HTML 34Page - Analog Devices ADV601JS Datasheet HTML 35Page - Analog Devices ADV601JS Datasheet HTML 36Page - Analog Devices ADV601JS Datasheet HTML 37Page - Analog Devices ADV601JS Datasheet HTML 38Page - Analog Devices ADV601JS Datasheet HTML 39Page - Analog Devices ADV601JS Datasheet HTML 40Page - Analog Devices ADV601JS Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
ADV601
–37–
REV. 0
TIMING PARAMETERS
This section contains signal timing information for the ADV601. Timing descriptions for the following items appear in this
section:
• Clock signal timing
• Video data transfer timing (CCIR-656, Gray Scale/Philips, and Multiplexed Philips formats)
• Host data transfer timing (direct register read/write access)
• DSP data transfer (serial data transfer)
Clock Signal Timing
The diagram in this section shows timing for VCLK input and VCLKO output. All output values assume a maximum pin
loading of 50 pF.
Table XX. Video Clock Period, Frequency, Drift and Jitter
Min VCLK_CYC
Nominal VCLK_CYC
Max VCLK_CYC
Video Format
Period
Period (Frequency)
Period
1, 2
CCIR-601 PAL
35.2 ns
37 ns (27 MHz)
38.9 ns
Square Pixel PAL
32.2 ns
33.89 ns (29.5 MHz)
35.5 ns
CCIR-601 NTSC
35.2 ns
37 ns (27 MHz)
38.9 ns
Square Pixel NTSC
38.7 ns
40.75 ns (24.54 MHz)
42.7 ns
NOTES
1VCLK Period Drift =
± 0.1 (VCLK_CYC/field.
2VCLK edge-to-edge jitter = 1 ns.
Table XXI. Video Clock Duty Cycle
Min
Nominal
Max
VCLK Duty Cycle
1
(40%)
(50%)
(60%)
NOTE
1VCLK Duty Cyle = t
VCLK_HI/(tVCLK_LO) × 100.
Table XXII. Video Clock Timing Parameters
Parameter
Description
Min
Max
Unit
tVCLK_CYC
VCLK Signal, Cycle Time (1/Frequency) at 27 MHz
(See Video Clock Period Table)
tVCLKO_D0
VCLKO Signal, Delay (when VCLK2 = 0) at 27 MHz
10
29
ns
tVCLKO_D1
VCLKO Signal, Delay (when VCLK2 = 1) at 27 MHz
10
29
ns
TEST CONDITIONS
Figure 23 shows test condition voltage reference and device
loading information. These test conditions consider an output
as disabled when the output stops driving and goes from the
measured high or low voltage to a high impedance state. Tests
measure output disable time (tDISABLE) as the time between the
reference input signal crossing +1.5 V and the time that the
output reaches the high impedance state (also +1.5 V). Simi-
larly, these tests conditions consider an output as enabled when
the output leaves the high impedance state and begins driving a
measured high or low voltage. Tests measure output enable time
(tENABLE) as the time between the reference input signal crossing
+1.5 V and the time that the output reaches the measured high
or low voltage.
INPUT
REFERENCE
SIGNAL
OUTPUT
SIGNAL
t
DISABLED
t
ENABLED
1.5V
VOH
VOL
VIH
VIL
1.5V
INPUT & OUTPUT VOLTAGE/TIMING REFERENCES
DEVICE LOADING FOR AC MEASUREMENTS
TO
OUTPUT
PIN
2pF
+1.5V
IOL
IOH
Figure 23. Test Condition Voltage Reference and Device Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com