データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV601JS データシート(PDF) 45 Page - Analog Devices

部品番号 ADV601JS
部品情報  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV601JS データシート(HTML) 45 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 41Page - Analog Devices ADV601JS Datasheet HTML 42Page - Analog Devices ADV601JS Datasheet HTML 43Page - Analog Devices ADV601JS Datasheet HTML 44Page - Analog Devices ADV601JS Datasheet HTML 45Page - Analog Devices ADV601JS Datasheet HTML 46Page - Analog Devices ADV601JS Datasheet HTML 47Page - Analog Devices ADV601JS Datasheet HTML 48Page - Analog Devices ADV601JS Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
ADV601
–45–
REV. 0
Host Interface (Indirect Address, Indirect Register Data, and Interrupt Mask/Status) Register Timing
The diagrams in this section show transfer timing for host read and write accesses to all of the ADV601’s direct registers, except the
Compressed Data register. Accesses to the Indirect Address, Indirect Register Data, and Interrupt Mask/Status registers are slower
than access timing for the Compressed Data register. For information on access timing for the Compressed Data direct register, see
the Host Interface (Compressed Data) Register Timing section. Note that for accesses to the Indirect Address, Indirect Register
Data and Interrupt Mask/Status registers, your system MUST observe
ACK and RD or WR assertion timing.
Table XXXIII. Host (Indirect Address, Indirect Data, and Interrupt Mask/Status) Read Timing Parameters
Parameter
Description
Min
Max
Unit
tRD_D_RDC
RD Signal, Direct Register, Read Cycle Time (at 27 MHz VCLK)
N/A
1
N/A
ns
tRD_D_PWA
RD Signal, Direct Register, Pulse Width Asserted (at 27 MHz VCLK)
N/A
1
N/A
ns
tRD_D_PWD
RD Signal, Direct Register, Pulse Width Deasserted (at 27 MHz VCLK)
5
N/A
ns
tADR_D_RDS
ADR Bus, Direct Register, Read Setup
2
N/A
ns
tADR_D_RDH
ADR Bus, Direct Register, Read Hold
2
N/A
ns
tDATA_D_RDD
DATA Bus, Direct Register, Read Delay
N/A
171.6
2, 3
ns
tDATA_D_RDOH
DATA Bus, Direct Register, Read Output Hold (at 27 MHz VCLK)
13
N/A
ns
tRD_D_WRT
WR Signal, Direct Register, Read-to-Write Turnaround (at 27 MHz VCLK)
48.7
4
N/A
ns
tACK_D_RDD
ACK Signal, Direct Register, Read Delayed 27 MHz VCLK)
8.6
287.1
5, 6
ns
tACK_D_RDOH
ACK Signal, Direct Register, Read Output Hold (at 27 MHz VCLK)
11
N/A
ns
NOTES
1
RD input must be asserted (low) until ACK is asserted (low).
2Maximum t
DATA_D_RDD varies with VCLK according to the formula: t DATA_D_RDD (MAX) = 4 (VCLK Period) +16.
3During STATS_R deasserted (low) conditions, t
DATA_D_RDD may be as long as 52 VCLK periods.
4Minimum t
RD_D_WRT varies with VCLK according to the formula: t RD_D_WRT (MIN) = 1.5 (VCLK Period) –4.1.
5Maximum t
ACK_D_RDD varies with VCLK according to formula: t ACK_D_RDD (MAX) = 7 (VCLK Period) +14.8.
6During STATS_R deasserted (low) conditions, t
ACK_D_RDD may be as long as 52 VCLK periods.
VALID
VALID
VALID
VALID
(I) ADR,
BE, CS
(I)
RD
(O) DATA
(O)
ACK
(I)
WR
t
ADR_D_RDS
t
ACK_D_RDOH
t
RD_D_RDC
t
RD_D_PWA
t
RD_D_PWD
t
ADR_D_RDH
t
DATA_D_RDD
t
DATA_D_RDOH
t
RD_D_WRT
t
ACK_D_RDD
Figure 37. Host (Indirect Address, Indirect Register Data, and Interrupt Mask/Status) Read Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com