データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV601JS データシート(PDF) 27 Page - Analog Devices

部品番号 ADV601JS
部品情報  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV601JS データシート(HTML) 27 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 23Page - Analog Devices ADV601JS Datasheet HTML 24Page - Analog Devices ADV601JS Datasheet HTML 25Page - Analog Devices ADV601JS Datasheet HTML 26Page - Analog Devices ADV601JS Datasheet HTML 27Page - Analog Devices ADV601JS Datasheet HTML 28Page - Analog Devices ADV601JS Datasheet HTML 29Page - Analog Devices ADV601JS Datasheet HTML 30Page - Analog Devices ADV601JS Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ADV601
–27–
REV. 0
Table XIV. Pseudo-Code Describing a Sequence of Video Fields
Complete Sequence:
<Field 1 Sequence>
“Frame N; Field 1”
<Field 2 Sequence>
“Frame N; Field 2”
<Field 1 Sequence>
“Frame N+1; Field 1”
<Field 2 Sequence>
“Frame N+1; Field 2”
(Field Sequences)
<Field 1 Sequence>
“Frame N+M; Field 1”
<Field 2 Sequence>
“Frame N+M; Field 2”
#EOS
“Required in decode to let the ADV601 know the sequence of
fields is complete.”
Field 1 Sequence:
#SOF1
<VITC>
<First Block Sequence>
<Complete Block Sequence>
Field 2 Sequence:
#SOF2
<VITC>
<First Block Sequence>
<Complete Block Sequence>
First Block Sequence:
<TYPE3>
<BW>
<Huff_Data>
Complete Block Sequence:
<Block Sequence>
...
(Block Sequences)
...
<Block Sequence>
Block Sequence:
#SOB1, #SOB2, #SOB3, #SOB4 or #SOB5
<BW>
<Huff_Data>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com