データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV601JS データシート(PDF) 52 Page - Analog Devices

部品番号 ADV601JS
部品情報  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV601JS データシート(HTML) 52 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 44Page - Analog Devices ADV601JS Datasheet HTML 45Page - Analog Devices ADV601JS Datasheet HTML 46Page - Analog Devices ADV601JS Datasheet HTML 47Page - Analog Devices ADV601JS Datasheet HTML 48Page - Analog Devices ADV601JS Datasheet HTML 49Page - Analog Devices ADV601JS Datasheet HTML 50Page - Analog Devices ADV601JS Datasheet HTML 51Page - Analog Devices ADV601JS Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
ADV601
–52–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
160-Lead PQFP
(S-160)
TOP VIEW
(PINS DOWN)
PIN 1
121
160
1
120
41
40
80
81
1.238 (31.45)
1.228 (31.20) TYP SQ
1.219 (30.95)
0.028 (0.72)
0.026 (0.65) TYP LEAD
0.023 (0.58)
PITCH
1.106 (28.10)
1.102 (28.00) TYP SQ
1.098 (27.90)
1.008 (25.60)
0.998 (25.35) TYP SQ
0.988 (25.10)
0.015 (0.38)
0.012 (0.30) TYP LEAD
0.009 (0.22)
WIDTH
0.160 (4.07)
MAX
0.041 (1.03)
0.035 (0.88) TYP
0.029 (0.73)
SEATING
PLANE
0.004 (0.10)
MAX
0.010 (0.25)
MIN
0.145 (3.67)
0.135 (3.42) TYP
0.125 (3.17)
ORDERING GUIDE
Part Number
Ambient Temperature Range
1
Package Description
Package Option
2
ADV601JS
0
°C to +70°C
160-Lead PQFP
S-160
NOTES
1J = Commercial temperature range (0
°C to +70°C).
2S = PQFP (Plastic Quad Flatpack).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52