| データシートサーチシステム |
|
STA309A データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 67 page ![]() STA309A Registers Doc ID 13855 Rev 4 53/67 7.2.53 Channel 1 and 2 output timing (0x33) 7.2.54 Channel 3 and 4 output timing (0x34) 7.2.55 Channel 5 and 6 output timing (0x35) 7.2.56 Channel 7 and 8 output timing (0x36) The centering of the individual channel PWM output periods can be adjusted by the output timing registers. PWM slot settings can be chosen to insure that pulse transitions do not occur at the same time on different channels using the same power device. There are 8 possible settings, the appropriate setting varying based on the application and connections to the DDX power devices. D7 D6 D5 D4 D3 D2 D1 D0 Reserved C2OT2 C2OT1 C2OT0 Reserved C1OT2 C1OT1 C1OT0 01 00 000 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C4OT2 C4OT1 C4OT0 Reserved C3OT2 C3OT1 C3OT0 01 10 001 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C6OT2 C6OT1 C6OT0 Reserved C5OT2 C5OT1 C5OT0 01 01 000 1 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C8OT2 C8OT1 C8OT0 Reserved C7OT2 C7OT1 C7OT0 01 11 001 1 Table 78. PWM slot CnOT[2:0] PWM slot 000 1 001 2 010 3 011 4 100 5 101 6 110 7 111 8 |