| データシートサーチシステム |
|
STA309A データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 67 page ![]() Equalization and mixing STA309A 60/67 Doc ID 13855 Rev 4 8 Equalization and mixing Figure 8. Channel mixer 8.1 Postscale The STA309A provides one additional multiplication after the last interpolation stage and before the distortion compensation on each channel. This is a 24-bit signed fractional multiply. The scale factor for this multiply is loaded into RAM using the same I2C registers as the biquad coefficients and the bass-management. This postscale factor can be used in conjunction with an ADC equipped micro-controller to perform power-supply error correction. All channels can use the channel 1 by setting the postscale link bit. Channel 1 Channel 2 Channel 3 Channel 4 Channel 5 Channel 6 Channel 7 Channel 8 CxMIX1 CxMIX2 CxMIX3 CxMIX4 CxMIX5 CxMIX6 CxMIX7 CxMIX8 Channel x Table 80. RAM block for biquads, mixing, and bass management Index (decimal) Index (hex) Description Coefficient Default 0 0x00 Channel 1 - Biquad 1 C1H10 (b1/2) 0x000000 1 0x01 - C1H11 (b2) 0x000000 2 0x02 - C1H12 (a1/2) 0x000000 3 0x03 - C1H13 (a2) 0x000000 4 0x04 - C1H14 (b0/2) 0x400000 5 0x05 Channel 1 - Biquad 2 C1H20 0x000000 |