| データシートサーチシステム |
|
STA309A データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 67 page ![]() STA309A Equalization and mixing Doc ID 13855 Rev 4 63/67 8.4 PSCorrect registers ADC is used to input ripple data to SDI78. The left channel (7) is used internally. No audio data can therefore be used on these channels. Though all channel mapping and mixing from other inputs to channels 7 and 8 internally are still valid. 8.4.1 PSC1-2: ripple correction value (RCV) (0x51, 0x52) Equivalent to negative maximum ripple peak as a percentage of Vcc (MPR), scaled by the inverse of maximum ripple p-p as percentage of full-scale analog input to ADC. Represented as a 1.11 signed fractional number. 8.4.2 PSC3: correction normalization value (CNV) (0x53) Equivalent to 1 / (1+MPR) expressed as a 0.12 unsigned fractional number. D7 D6 D5 D4 D3 D2 D1 D0 RCV11 RCV10 RCV9 RCV8 RCV7 RCV6 RCV5 RCV4 00 00 000 0 D7 D6 D5 D4 D3 D2 D1 D0 RCV3 RCV2 RCV1 RCV0 CNV11 CNV10 CNV9 CNV8 00 00 111 1 D7 D6 D5 D4 D3 D2 D1 D0 CNV7 CNV6 CNV5 CNV4 CNV3 CNV2 CNV1 CNV0 11 11 111 1 |