データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA309A データシート(PDF) 19 Page - STMicroelectronics

部品番号 STA309A
部品情報  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A データシート(HTML) 19 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 15Page - STMicroelectronics STA309A Datasheet HTML 16Page - STMicroelectronics STA309A Datasheet HTML 17Page - STMicroelectronics STA309A Datasheet HTML 18Page - STMicroelectronics STA309A Datasheet HTML 19Page - STMicroelectronics STA309A Datasheet HTML 20Page - STMicroelectronics STA309A Datasheet HTML 21Page - STMicroelectronics STA309A Datasheet HTML 22Page - STMicroelectronics STA309A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
STA309A
Registers
Doc ID 13855 Rev 4
19/67
7
Registers
7.1
Register summary
Table 8.
Register summary
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
0x00
CONFA
COS1
COS0
DSPB
IR1
IR0
MCS2
MCS1
MCS0
0x01
CONFB
Reserved
SAIFB
SAI3
SAI2
SAI1
SAI0
0x02
CONFC
Reserved
SAOFB
SAO3
SAO2
SAO1
SAO0
0x03
CONFD
MPC
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
0x04
CONFE
C8BO
C7BO
C6BO
C5BO
C4BO
C3BO
C2BO
C1BO
0x05
CONFF
PWMS2
PWMS1
PWMS0
BQL
PSL
DEMP
DRC
HPB
0x06
CONFG
MPCV
DCCV
HPE
AM2E
AME
COD
SID
PWMD
0x07
CONFH
ECLE
LDTE
BCLE
IDE
ZDE
SVE
ZCE
NSBW
0x08
CONFI
EAPD
Reserved
PSCE
Volume control
0x09
MMUTE
Reserved
MMUTE
0x0A
MVOL
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
0x0B
C1VOL
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0x0C
C2VOL
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0x0D
C3VOL
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
0x0E
C4VOL
C4V7
C4V6
C4V5
C4V4
C4V3
C4V2
C4V1
C4V0
0x0F
C5VOL
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
0x10
C6VOL
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
0x11
C7VOL
C7V7
C7V6
C7V5
C7V4
C7V3
C7V2
C7V1
C7V0
0x12
C8VOL
C8V7
C8V6
C8V5
C8V4
C8V3
C8V2
C8V1
C8V0
0x13
C1VTMB
C1M
C1VBP
Reserved
C1VT4
C1VT3
C1VT2
C1VT1
C1VT0
0x14
C2VTMB
C2M
C2VBP
Reserved
C2VT4
C2VT3
C2VT2
C2VT1
C2VT0
0x15
C3VTMB
C3M
C3VBP
Reserved
C3VT4
C3VT3
C3VT2
C3VT1
C3VT0
0x16
C4VTMB
C4M
C4VBP
Reserved
C4VT4
C4VT3
C4VT2
C4VT1
C4VT0
0x17
C5VTMB
C5M
C5VBP
Reserved
C5VT4
C5VT3
C5VT2
C5VT1
C5VT0
0x18
C6VTMB
C6M
C6VBP
Reserved
C6VT4
C6VT3
C6VT2
C6VT1
C6VT0
0x19
C7VTMB
C7M
C7VBP
Reserved
C7VT4
C7VT3
C7VT2
C7VT1
C7VT0
0x1A
C8VTMB
C8M
C8VBP
Reserved
C8VT4
C8VT3
C8VT2
C8VT1
C8VT0
Input mapping
0x1B
C12IM
Reserved
C2IM2
C2IM1
C2IM0
Reserved
C1IM2
C1IM1
C1IM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67