データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20154MH データシート(PDF) 3 Page - Texas Instruments

部品番号 LM20154MH
部品情報  LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20154MH データシート(HTML) 3 Page - Texas Instruments

  LM20154MH Datasheet HTML 1Page - Texas Instruments LM20154MH Datasheet HTML 2Page - Texas Instruments LM20154MH Datasheet HTML 3Page - Texas Instruments LM20154MH Datasheet HTML 4Page - Texas Instruments LM20154MH Datasheet HTML 5Page - Texas Instruments LM20154MH Datasheet HTML 6Page - Texas Instruments LM20154MH Datasheet HTML 7Page - Texas Instruments LM20154MH Datasheet HTML 8Page - Texas Instruments LM20154MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM20154
www.ti.com
SNVS531G – OCTOBER 2007 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Voltages from the indicated pins to GND
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB, SYNCOUT
-0.3V to +6V
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Power Dissipation(2)
2.6W
Lead Temperature (Soldering, 10 sec)
260°C
Minimum ESD Rating(3)
±2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA)/θJA. The maximum power dissipations of 2.6W is determined using TA = 25°C, θJA = 38°C/W, and TJ_MAX
= 125°C.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
OPERATING RATINGS
PVIN, AVIN to GND
2.95V to 5.5V
Junction Temperature
−40°C to + 125°C
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com