データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20154MH データシート(PDF) 10 Page - Texas Instruments

部品番号 LM20154MH
部品情報  LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20154MH データシート(HTML) 10 Page - Texas Instruments

Back Button LM20154MH Datasheet HTML 6Page - Texas Instruments LM20154MH Datasheet HTML 7Page - Texas Instruments LM20154MH Datasheet HTML 8Page - Texas Instruments LM20154MH Datasheet HTML 9Page - Texas Instruments LM20154MH Datasheet HTML 10Page - Texas Instruments LM20154MH Datasheet HTML 11Page - Texas Instruments LM20154MH Datasheet HTML 12Page - Texas Instruments LM20154MH Datasheet HTML 13Page - Texas Instruments LM20154MH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM20154
SNVS531G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
OPERATION DESCRIPTION
GENERAL
The LM20154 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 4A of continuous output current. The regulator utilizes peak
current mode control with nonlinear slope compensation to optimize stability and transient response over the
entire output voltage range. Peak current mode control also provides inherent line feed-forward, cycle-by-cycle
current limiting and easy loop compensation. The fixed 1 MHz operating frequency minimizes the inductor size
while still achieving efficiencies up to 96%. The precision internal voltage reference allows the output to be set as
low as 0.8V. Fault protection features include: current limiting, thermal shutdown, over voltage protection, and
shutdown capability. The device is available in the HTSSOP package featuring an exposed pad to aid thermal
dissipation. The LM20154 can be used in numerous applications to efficiently step-down from a 5V or 3.3V bus.
The typical application circuit for the LM20154 is shown in Figure 27 in the design guide.
PRECISION ENABLE
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.18V (typical). The EN pin
has 66 mV of hysteresis and will disable the output when the enable voltage falls below 1.11V (typical). If the EN
pin is not used, it should be connected to VIN. Since the enable pin has a precise turn on threshold it can be
used along with an external resistor divider network from VIN to configure the device to turn on at a precise input
voltage. The precision enable circuitry will remain active even when the device is disabled.
CLOCK SYNCHRONIZATION OUTPUT
The SYNCOUT pin is an open drain output that provides a signal that is the same frequency as the internal
oscillator but is 180 degrees out of phase with the switch voltage. The SYNCOUT pin requires an external pull-up
resistor to set the high level. For most applications a 2.94 k
Ω pull-up connected to the input voltage should be
sufficient. Since the SYNCOUT is out of phase with the switch voltage it can be used with other devices with a
synchronization input such as the LM20134 to run multiple convertors out of phase. Running multiple converters
out of phase reduces the RMS current requirements for the input capacitor, value of the input capacitor, and
conducted EMI back through the input bus.
PEAK CURRENT MODE CONTROL
In most cases, the peak current mode control architecture used in the LM20154 only requires two external
components to achieve a stable design. The compensation can be selected to accommodate any capacitor type
or value. The external compensation also allows the user to set the crossover frequency and optimize the
transient performance of the device.
For duty cycles above 50% all current mode control buck converters require the addition of an artificial ramp to
avoid sub-harmonic oscillation. This artificial linear ramp is commonly referred to as slope compensation. What
makes the LM20154 unique is the amount of slope compensation will change depending on the output voltage.
When operating at high output voltages the device will have more slope compensation than when operating at
lower output voltages. This is accomplished in the LM20154 by using a non-linear parabolic ramp for the slope
compensation. The parabolic slope compensation of the LM20154 is much better than the traditional linear slope
compensation because it optimizes the stability of the device over the entire output voltage range.
CURRENT LIMIT
The precise current limit of the LM20154 is set at the factory to be within 10% over the entire operating
temperature range. This enables the device to operate with smaller inductors that have lower saturation currents.
When the peak inductor current reaches the current limit threshold, an over current event is triggered and the
internal high-side FET turns off and the low-side FET turns on allowing the inductor current to ramp down until
the next switching cycle. For each sequential over-current event, the reference voltage is decremented and PWM
pulses are skipped resulting in a current limit that does not aggressively fold back for brief over-current events,
while at the same time providing frequency and voltage foldback protection during hard short circuit conditions.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com