データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20154MH データシート(PDF) 6 Page - Texas Instruments

部品番号 LM20154MH
部品情報  LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20154MH データシート(HTML) 6 Page - Texas Instruments

Back Button LM20154MH Datasheet HTML 2Page - Texas Instruments LM20154MH Datasheet HTML 3Page - Texas Instruments LM20154MH Datasheet HTML 4Page - Texas Instruments LM20154MH Datasheet HTML 5Page - Texas Instruments LM20154MH Datasheet HTML 6Page - Texas Instruments LM20154MH Datasheet HTML 7Page - Texas Instruments LM20154MH Datasheet HTML 8Page - Texas Instruments LM20154MH Datasheet HTML 9Page - Texas Instruments LM20154MH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM20154
SNVS531G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, TA =
25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Load Regulation
Feedback Pin Voltage vs. Temperature
Figure 8.
Figure 9.
Switching Frequency vs. Temperature
Synchronization Output
Figure 10.
Figure 11.
Quiescent Current vs. VIN (Not Switching)
Shutdown Current vs. Temperature
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com