データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM5259165B データシート(PDF) 37 Page - Elpida Memory

部品番号 HM5259165B
部品情報  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B データシート(HTML) 37 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory HM5259165B Datasheet HTML 35Page - Elpida Memory HM5259165B Datasheet HTML 36Page - Elpida Memory HM5259165B Datasheet HTML 37Page - Elpida Memory HM5259165B Datasheet HTML 38Page - Elpida Memory HM5259165B Datasheet HTML 39Page - Elpida Memory HM5259165B Datasheet HTML 40Page - Elpida Memory HM5259165B Datasheet HTML 41Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
37
Bank active command interval:
1. Same bank: The interval between the two bank-active commands must be no less than t
RC.
2. In the case of different bank-active commands: The interval between the two bank-active commands
must be no less than t
RRD.
Bank Active to Bank Active for Same Bank
CLK
Command
Address
BS
Bank 0
Active
ACTV
ROW
ACTV
ROW
Bank 0
Active
t RC
Bank Active to Bank Active for Different Bank
CLK
Command
Address
BS
Bank 0
Active
Bank 3
Active
ACTV
ROW:0
ACTV
ROW:1
t RRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63