データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC80960HT60SL2G2 データシート(PDF) 94 Page - Intel Corporation

部品番号 FC80960HT60SL2G2
部品情報  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 データシート(HTML) 94 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 90Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 91Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 92Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 93Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 94Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 95Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 96Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 97Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
80960HA/HD/HT
88
Advance Information Datasheet
Example 2. Boundary-Scan Description Language (BSDL) for PQ2 Package Example (Sheet 1 of 8)
-- Copyright Intel Corporation 1995, 1996
-- *****************************************************************************
-- Intel Corporation makes no warranty for the use of its products and assumes no
responsibility for any errors which may appear in this document nor does it make
a commitment to update the information contained herein.
-- *****************************************************************************
-- Boundary-Scan Description Language (BSDL Version 0.0) is a de-facto
-- standard means of describing essential features of ANSI/IEEE 1149.1-1990
compliant devices.
This language is under consideration by the IEEE for formal
inclusion within a supplement to the 1149.1-1990 standard.
The generation of the
supplement entails an extensive IEEE review and a formal acceptance balloting
procedure which may change the resultant form of the language.
Be aware that this
process may extend well into 1993, and at this time the IEEE does not endorse or
hold an opinion on the language.
-- i960(R) Processor BSDL Model
-- Project code HA
-- File **NOT** verified electrically
-- -----------------------------------------------
-- Rev 0.8
4 Apr
1996
Changed for PQ2 Package
-- Rev 0.7
18 Dec
1995
Updated for A-1 stepping.
-- Rev 0.6
08 Dec
1994
-- Rev 0.5
21 Nov
1994
-- Rev 0.4
31 Oct
1994
-- Rev 0.3
26 July 1994
-- Rev 0.2
22 June 1994
-- Rev 0.1
16 Mar
1994
-- Rev 0.0
30 Aug
1993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More