| データシートサーチシステム |
|
FC80960HT60SL2G2 データシート(PDF) 60 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HT60SL2G2 データシート(HTML) 60 Page - Intel Corporation |
|
60 / 102 page ![]() 80960HA/HD/HT 54 Advance Information Datasheet Figure 37. Burst, Non-Pipelined Write Request without Wait States, 32-Bit Bus ADS A31:4, SUP, CT3:0, D/C, BE3:0,LOCK W/R BLAST DT/R DEN A3:2 WAIT D31:0, CLKIN AD DD D A 00 01 10 11 Out0 Out3 Out2 DP3:0 PCHK Out1 Burst Bus Width Odd Parity NXDA NWDD NWAD NRDD 29 28 21 24 23-22 20 12-8 19-16 15-14 7-6 4-0 Enabled 1 OFF 0 0 0000 32-Bit 10 X x Enabled 1 0 00 0 00000 X xx Disabled 0 X xxxxx Function Bit Value External Ready Control Pipe- Lining Parity Enable NRAD NOTE: Bits 31-30, 27-25, 13, and 5 are reserved. PMCON Valid |