| データシートサーチシステム |
|
FC80960HT60SL2G2 データシート(PDF) 97 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HT60SL2G2 データシート(HTML) 97 Page - Intel Corporation |
|
97 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 91 “ONCEBAR : 6,”& “PCHKBAR : 189,”& “READYBAR : 68,”& “RESETBAR : 174,”& “STEST : 208,”& “SUPBAR : 97,”& “TCK : 194,”& “TDI : 191,”& “TDO : 188,”& “TMS : 192,”& “TRST : 193,”& “WAITBAR : 90,”& “WRBAR : 88,”& “XINTBAR : (169, 168, 167, 166, 163, 162, 161, 160),”& “FIVEVREF : 197,”& “VCCPLL : 177,”& “VCC1 : (1, 4, 9, 11, 17, 19, 25, 31, 33, 38, 44, 46,”& “ 49, 59, 60, 66, 71, 74, 76, 81, 87, 92, 95, 101),”& “VCC2 : (102, 109, 115, 117, 123, 128, 131, 137, 143, 149,”& “ 153, 154, 158, 165, 171, 173, 176, 179, 185, 187,”& “ 196, 199, 201, 204),”& “VSS1 : (2, 3, 7, 8, 16, 18, 24, 30, 32, 43, 47, 48,”& “ 53, 58, 65, 70, 73, 75, 80, 86, 93, 94, 98, 103),”& “VSS2 : (108, 114, 116, 122, 129, 130, 136, 142, 148, 152,”& “ 155, 156, 157, 164, 170, 172, 178, 184, 186, 190,”& “ 195, 198, 200, 205)”; attribute Tap_Scan_In of TDI : signal is true; attribute Tap_Scan_Mode of TMS : signal is true; attribute Tap_Scan_Out of TDO : signal is true; attribute Tap_Scan_Reset of TRST : signal is true; attribute Tap_Scan_Clock of TCK : signal is (66.0e6, BOTH); attribute Instruction_Length of Ha_Processor: entity is 4; attribute Instruction_Opcode of Ha_Processor: entity is Example 2. Boundary-Scan Description Language (BSDL) for PQ2 Package Example (Sheet 4 of 8) |