データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC80960HT60SL2G2 データシート(PDF) 43 Page - Intel Corporation

部品番号 FC80960HT60SL2G2
部品情報  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 データシート(HTML) 43 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 39Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 40Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 41Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 42Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 43Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 44Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 45Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 46Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
37
4.7.1
AC Test Conditions
AC values are derived using the 50 pF load shown in Figure 8. Figure25“Output Delay orHoldvs.
Load Capacitance” on page 44, shows how timings vary with load capacitance. Input waveforms
(except for CLKIN) are assumed to have a rise and fall time of
≤ 2ns from0.8 V to2.0 V.
Figure 8. AC Test Load
Output Pin
CL = 50 pF for all signals
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More