データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0020 データシート(PDF) 10 Page - STMicroelectronics

部品番号 RM0020
部品情報  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 データシート(HTML) 10 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 6Page - STMicroelectronics RM0020 Datasheet HTML 7Page - STMicroelectronics RM0020 Datasheet HTML 8Page - STMicroelectronics RM0020 Datasheet HTML 9Page - STMicroelectronics RM0020 Datasheet HTML 10Page - STMicroelectronics RM0020 Datasheet HTML 11Page - STMicroelectronics RM0020 Datasheet HTML 12Page - STMicroelectronics RM0020 Datasheet HTML 13Page - STMicroelectronics RM0020 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
How to use the library in a project
RM0020
10/69
4
How to use the library in a project
●
CodeWarrior
–
add library source files with required functions into your project window
–
add path to library include file libdsp2.h to “Target Settings (Alt-F7)->Access
Paths->User Paths”
–
include file libdsp2.h into your source file
●
Green Hills
–
add library source files with required functions into your project window
–
use -I compiler option -I{path to libdsp2.h},
–
include file libdsp2.h into your source file
●
Wind River
–
add library source files with required functions into your project window
–
use -I compiler option -I{path to libdsp2.h}
–
include file libdsp2.h into your source file
Code example:
#include "libdsp2.h"
#define N_MAX 512
float inout_buffer [2*N_MAX+8];
/* +8 to ensure there is 32 bytes
of readable memory behind buffer, must be double-word aligned */
void main(void)
{
/* compute complex to complex float in-place FFT */
fft_quad_float_512(inout_buffer);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69