データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0020 データシート(PDF) 34 Page - STMicroelectronics

部品番号 RM0020
部品情報  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 データシート(HTML) 34 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 30Page - STMicroelectronics RM0020 Datasheet HTML 31Page - STMicroelectronics RM0020 Datasheet HTML 32Page - STMicroelectronics RM0020 Datasheet HTML 33Page - STMicroelectronics RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics RM0020 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Function API
RM0020
34/69
Also note that the function writes calculated MFB[1] at the P_MFB array position 0.
5.
Find maximum MFBmax and minimum MFBmin value from MFB[i], i = 1,2...N-2
6.
Calculate MFB50 value as:
Equation 31
Calculation of PMH index:
7.
Starting with PMH_old = 0, calculate for each i = 1,2...N-1:
Equation 32
Note: There must be 8 bytes of readable memory behind input vector P_MFB and V.
Performance: See Section 7 and Table 46.
Example 15. mfb50_pmh
#include "libdsp2.h"
float P[740];
float V[740];
float K = 1.4F;
unsigned int N = 714;
float PMH;
unsigned int MFB50_index;
float MFB50;
void main(void)
{
/* from pressure vector P and volume vector V, calculate MFB50
value, PMH index and mass fraction burned (MFB), MFB
returned back in P vector, MFB1 at P array position 0 */
MFB50 = mfb50_pmh(N, P, V, K, &PMH);
/* search for MFB50 value in mass fraction burned (P) vector and
return index at which the MFB50 value was found */
MFB50_index = mfb50_index(N, P, MFB50);
}
6.16
mfb50_index - pressure sensing function 2
Function call:
unsigned int mfb50_index(unsigned int N, float *MFB, float MFB50);
MFB50
MFBmax
MFBmin
+
2
--------------------------------------------------------
=
DVA
V i
 Vi 1
–

–
=
PMA
Pi
 Pi 1
–

+
2
------------------------------------
=
PMH
PMH_old
PMA DVA
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69