データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0020 データシート(PDF) 37 Page - STMicroelectronics

部品番号 RM0020
部品情報  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 データシート(HTML) 37 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 33Page - STMicroelectronics RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics RM0020 Datasheet HTML 38Page - STMicroelectronics RM0020 Datasheet HTML 39Page - STMicroelectronics RM0020 Datasheet HTML 40Page - STMicroelectronics RM0020 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
RM0020
Function API
37/69
2.
Shift each computed bij by shift bits to the right:
3.
Range limit to 0..255:
if (bij <0) then bij =0,
if (bij > 255) then bij =255
Note: The input/output images and convolution kernel must be properly aligned in memory
as described in Table 17. And there must be 1 byte of readable memory behind the
convolution kernel c.
Performance: See Section 7 and Table 48.
Example 17. conv3x3
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
unsigned char a[16*12];
/* #pragma and ALIGN macros used to align to 2 bytes */
#ifdef __ghs__
#pragma alignvar (2)
#endif
ALIGN_DCC(2)
signed char c[3*3] ALIGN_MWERKS(2) = {
-1,
-2,
-1,
0,
0,
0,
1,
2,
1,
};
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
unsigned char b[16*12] ALIGN_MWERKS(4);
unsigned short M, N, shift;
void main(void)
{
/******** 2-D convolution with 3x3 kernel *********/
M = 16;
N = 12;
shift = 4;
conv3x3(a, b, c, M, N, shift);
}
b
ij
b
ij
2
shift
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69