| データシートサーチシステム |
|
RM0020 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 69 page ![]() Function API RM0020 24/69 Here is the summary how the real to complex float in-place FFT can be calculated using the split function: – on real input data in_Re(0) in_Re(1) ... in_Re(N-1), calculate complex to complex FFT of half the length – call the split function which calculates the half of the spectrum X_Re(0) X_Im(0) X_Re(1) X_Im(1) ... X_Re(N/2-1) X_Im(N/2-1) – if N2_REALPART is defined to 1, the split function saves the X_Re(N/2) into X_Im(0) Algorithm: Input data in memory: , Re - real part, Im - imaginary part Equation 9 The split function performs calculation of the output sequence from the input sequence according to the following equations: Equation 10 Equation 11 Equation 12 for each k from 1 to N/2-1 where: Equation 13 Equation 14 Equation 15 * denotes complex conjugate operation i is the imaginary unit Equation 16 output data in memory: when N2_REALPART is defined to 0 when N2_REALPART is defined to 1 x_Re 0 x_Im 0 x_Re 1 x_Im 1 x_Re N 2 ---- 1 – x_Im N 2 ---- 1 – xk x_Re k ix_Im k + = Xk xk X0 x_Re 0 x_Im 0 + = X N 2 ---- x_Re 0 x_Im 0 – = Xk wa k xk wb k x * N 2 ---- k – + = wa k 1 2 --- 1iW N k – = wb k 1 2 --- 1iW N k + = W N e i 2 N ------ – = Xk X_Re k iX_Im k + = X_Re 0 X_Im 0 X_Re 1 X_Im 1 X_Re N 2 ---- 1 – X_Im N 2 ---- 1 – X_Re 0 X_Re N 2 ---- X_Re 1 X_Im 1 X_Re N 2 ---- 1 – X_Im N 2 ---- 1 – |