データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4092 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4092
部品情報  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN4092
Power Management Controller (PMC)
Doc ID 023080 Rev 2
13/38
Use preferably a small plane to distribute VDD with a low parasitic inductance to each pin.
Using of multi-layer printed circuit board (PCB) with a separate layer dedicated to the
ground and another one to the voltages supply is also advised. If the small plane approach
is not possible, try to keep short and wide the traces between the ballast transistor and the
micro and the layout compact to reduce the parasitic.
Figure 5.
VDD distribution using a small plane example
Possibly, the ground plane should be adjacent to the VDD island, with a thin dielectric. This
build a good quality HF capacitor. Moat at least 1 to 3 mm between the different power
planes, never overlap them. Use multiple vias to connect to inner layers. This reduce the
inductance, being the vias parasitic inductance in parallel.
Decoupling capacitors are placed as close as possible to the VDD/VSS pair:
●
connected to both VDD and VSS pins (closest pins);
●
connected to each VDD/VSS pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38