データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4092 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN4092
部品情報  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 26Page - STMicroelectronics AN4092 Datasheet HTML 27Page - STMicroelectronics AN4092 Datasheet HTML 28Page - STMicroelectronics AN4092 Datasheet HTML 29Page - STMicroelectronics AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics AN4092 Datasheet HTML 33Page - STMicroelectronics AN4092 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ADC
AN4092
30/38
Doc ID 023080 Rev 2
4.1
Alternative approach
In some cases the filtering using the RC might not be effective. Instead of using costly active
external analogue filters, an internal digital filtering can be implemented using the
decimation filter. The approach is the following:
1.
Choose a simple RC outside filter which cut-off frequency is much higher than the
interested bandwidth of the signal, including the noise.
2.
Oversample the signal, potentially sampling at the maximum frequency allowed by the
ADC
3.
Filter the noise out using the IIR / FIR feature
4.
Decimate
For example this approach can be very effective to threat knock sensors outputs, in which
the big noise cannot be easily filtered out using a simple RC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38