データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4068 データシート(PDF) 52 Page - STMicroelectronics

部品番号 AN4068
部品情報  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 データシート(HTML) 52 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 48Page - STMicroelectronics AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics AN4068 Datasheet HTML 54Page - STMicroelectronics AN4068 Datasheet HTML 55Page - STMicroelectronics AN4068 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Application ideas
AN4068
52/63
Doc ID 022923 Rev 2
Figure 43.
3-phase non-isolated zero crossing coupling circuit
10.2
Received signal strength indication (RSSI)
In many application fields, measuring the strength of the incoming signal is useful in
order to:
1.
Evaluate the SNR (signal to noise ratio) at the node
2.
Choose the best routing through the network (if repeaters are allowed).
As explained in [1] and [2], the ST7580 embeds estimators for SNR values. These
estimators are calculated during valid packet reception. The external host is notified of the
values during each data indication message [2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63