| データシートサーチシステム |
|
AN4068 データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4068 データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 63 page ![]() Reference design standard tests AN4068 42/63 Doc ID 022923 Rev 2 Figure 32. Common mode disturbance protection - negative disturbance Figure 33 describes the protection intervention in the case of differential mode disturbances. A differential voltage higher than 15 V p-p is clamped by the D1 bi-directional Transil™ diode. D1 is the most robust protection and also the one that is able to absorb most of the energy of any incoming disturbance. Figure 33. Differential mode disturbance protection |