データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1811 データシート(PDF) 28 Page - STMicroelectronics

部品番号 UM1811
部品情報  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 データシート(HTML) 28 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 24Page - STMicroelectronics UM1811 Datasheet HTML 25Page - STMicroelectronics UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MAC menu
UM1811
28/52
DocID026814 Rev 1
macCSMAFairnessLimit
The channel access fairness limit. Specifies how many failed back-off
attempts, back-off exponent is set to minBE
macTMRTTL
Maximum time to live of tone map parameters entry in the neighbor
table in seconds
macNeighbourTableEntryTTL
Maximum time to live for an entry in the neighbor table in seconds
macRCCoord
Route cost to coordinator to be used in the beacon payload as
RC_COORD
macToneMask
Defines the tone mask to use during symbol formation.
macBeaconRandomizationWindowLengh Duration time in seconds for the beacon randomization.
macA
This parameter controls the adaptive CW linear decrease
macK
Rate adaptation factor for the channel access fairness limit
macMinCWAttempts
The number of consecutive attempts while using minimum CW
macCENELECLegacyMode
This read only attribute indicates the capability of the node
macFCCLegacyMode
This read only attribute indicates the capability of the device
Table 6. MAC G.9903 information base attributes (continued)
Standard G.9903 attributes
Table 7. MAC ST implementation defined information base attributes
ST implementation defined attributes
aExtendedAddress
EUI-64 address to be used
SNRdBLOW
The low threshold for the SNR
SNRdBHIGH
The high threshold for the SNR
macCoordinatorType
MAC coordinator type definition: 0 device, 1 coordinator
macTrxStateNotCorrect
The counter of discarded frames due to an invalid state of the real-time
engine
macPsduToLong
The counter of discarded frames due to a too long PDU
macInvalidFrameType
The counter of discarded frames due to an invalid frame type field
detected
macInvalidFrameVersion
The counter of discarded frames due to an invalid frame version field
detected
macInvalidDAM
The counter of discarded frames due to an invalid destination address
mode detected
macInvalidSAM
The counter of discarded frames due to an invalid source address mode
detected
macInvalidPANId
The counter of discarded frames due to an invalid PANId detected
macInvalidShortAddr
The counter of discarded frames due to an invalid short address
detected
macInvalidExtAddr
The counter of discarded frames due to an invalid extended address
detected
macInvalidBeacon
The counter of discarded frames due to an invalid beacon detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52