データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1811 データシート(PDF) 30 Page - STMicroelectronics

部品番号 UM1811
部品情報  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 データシート(HTML) 30 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ADP menu
UM1811
30/52
DocID026814 Rev 1
7
ADP menu
To be able to execute ADP commands, the G3-PLC platform working mode needs to be
configured to the ADP mode.
To do this, simply go to the G3LIB panel as shown in Figure 18. Choose the ADP_MODE
from the available modes (1) and press the HI-MODE-SET.Request button (2).
Figure 18. Configure the host interface in ADP mode
Once the ADP mode is selected, the following menus are accessible:
ADP root menu: command panel to send data at the ADP level
ADPM control: command panel to control the ADP layer
ADPM LBP: adaptation sublayer management for 6LoWPAN bootstrapping protocol
ADPM IB: adaptation sublayer management information base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52