データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1811 データシート(PDF) 34 Page - STMicroelectronics

部品番号 UM1811
部品情報  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 データシート(HTML) 34 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
ADP menu
UM1811
34/52
DocID026814 Rev 1
7.4
ADPM IB menu
The ADP layer management entity menu offers the possibility to get and set the information
base parameters of the G3-PLC ADP layer.
Figure 22. ADPM_IB menu
Using this panel, the following commands can be executed:
ADPM-GET.Request: reads one attribute of the ADP information base. The attribute to
read can be selected from a list.
ADPM-SET.Request: writes the value of one attribute of the ADP information base. The
attribute to set can be selected from a list and its value entered in a text area.
ADPM-GET.Confirm: forces generation of a confirmation message (if automatic event
is disabled).
ADPM-SET.Confirm: forces generation of a confirmation message (if automatic event is
disabled).
Show Routing Table: it activates a pop-up window that shows the adpRoutingTable of
the device (Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52