データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4192 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN4192
部品情報  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 5Page - STMicroelectronics AN4192 Datasheet HTML 6Page - STMicroelectronics AN4192 Datasheet HTML 7Page - STMicroelectronics AN4192 Datasheet HTML 8Page - STMicroelectronics AN4192 Datasheet HTML 9Page - STMicroelectronics AN4192 Datasheet HTML 10Page - STMicroelectronics AN4192 Datasheet HTML 11Page - STMicroelectronics AN4192 Datasheet HTML 12Page - STMicroelectronics AN4192 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AN4192
High-side MOSFET selection
Doc ID 023820 Rev 1
9/47
2
High-side MOSFET selection
For the right choice of high-side FET, the following MOSFET electrical parameters must be
considered:
1.
Qg (total gate charge): it impacts the HS switching speed (at turn-on and turn-off) and
then the switching losses. Moreover, slightly bigger intrinsic capacitances, slowing
down the HS turn-on, may smooth the phase node ringing (overshoot and high
frequency oscillations on the phase node at HS turn-on).
2.
RDS(on) (ON-state drain-source resistance): when the converter duty cycle is low, the
HS stays on for a short time, so the minimization of RDS(on) doesn't impact greatly on
the efficiency. However, the higher the VRM output voltage (i.e. there are 3.3 V or 5 V
sections in the notebook platforms), the bigger the RDS(on) impact.
3.
RG,HS (external gate resistance) and gate drive network settings: the right RG,HS value
should be a trade-off between high switching speed and efficiency (low RG,HS) and the
phase node ringing improvement (high RG,HS). Some gate drive network
configurations, such as “asymmetric gate drive”, are able to enhance the converter
switching behavior with limited consequences on the efficiency.
Figure 4.
Gate charge waveform
In Figure 4, the simplified gate charge waveform for N-MOS (neglecting the parasitic effects)
is illustrated, which represents the VGS behavior as a function of time. The switching
transient is the interval [t0,t2], when vDS(t) and iD(t) are simultaneously bigger than zero. At t
= t0, the gate-source capacitance (Cgs) is charged and the drain current starts to increase.
During [t0,t1], the drain current increases linearly until it reaches its final value (IOUT). At t =
t1, the gate-source capacitance (Cgs) is totally charged, the drain-source voltage begins to
fall (we assume that the falling edge is linear) and the gate current flows through the Miller
(or transfer) capacitance. For t > t2, the switching losses are negligible because the
MOSFET is in the ohmic zone, with a constant RDS(on).
The charge amount QG,SW = QGD + QGS2 is needed to turn on the FET: it is also called
“switching charge”. The high-side FET switching losses (for a single-phase synchronous
buck converter) can be expressed as:
Equation 1
AM16448V1
P
SW
1
2
---
V
IN
I
OUT
f
SW
Q
GSW
,
I
GATE
--------------------
⋅⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com