データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4192 データシート(PDF) 19 Page - STMicroelectronics

部品番号 AN4192
部品情報  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 データシート(HTML) 19 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
AN4192
High-side MOSFET selection
Doc ID 023820 Rev 1
19/47
Figure 20.
Efficiency comparison @ Vout = 1.26 V
The “asymmetric gate driving” approach can be used to reduce voltage stresses on the
phase node without detrimental effects on the converter efficiency. The drawbacks are the
number of devices (one resistor + one Schottky diode) and the cost increase.
AM16464V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47