データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4192 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4192
部品情報  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AN4192
Low-side FET selection
Doc ID 023820 Rev 1
21/47
In the following table the main electrical parameters of the two tested LS FETs are reported.
The high-side FET used is called “HS”.
As shown in the previous table, the “LS1” has higher RDS(on), but slightly lower total gate
charge. In Figure 21 the relevant efficiency curves are depicted; at low output currents, the
LS1, due to its slightly lower Qg and then switching/gate drive losses, has higher efficiency.
But, at medium and heavy load conditions, the RDS(on) improvement makes “LS2” the best
in terms of efficiency.
Figure 21.
Efficiency vs. Iout @ Vout = 1.25 V
3.2
CGD (Miller capacitance)
The Miller capacitance (Cgd) plays a crucial role in the LS switching behavior improvement.
As already known, before the HS turns on, the load current flows through the LS body-drain
diode (deadtime) (Figure 22, green trace, I2).
Table 3.
Main electrical parameters
BV [V]
RDS(on) [mΩ]Qg,SW [nC]
HS
25
13
8.5
LS1
30
6
15
LS2
25
5.2
18
AM16465V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47