| データシートサーチシステム |
|
AN413 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN413 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 45 page ![]() AN413 Examples of timer 0 configurations Doc ID 1875 Rev 2 35/45 ld t_icr,#00 ; No action on input pins ld t_prsr,#00 ; No prescaling ld t_oacr,#11111100b ; No action on T1OUTA ld t_obcr,#11110100b ; Toggle on OVF T1OUTB ld t_flagr,#00 ld t_idmr,#00 .macroT1_START ; Start TIMER 1 spp #T1D_PG ; select Timer 1 data register page and t_tcr,#ccl ; counter clear bit or t_tcr,#cen ; counter enable bit .endm or CICR,#10000000b ; Global counter enable loop { } ;********************************************************************* ; INTERRUPT SUBROUTINES FOR TIMER 0 ;********************************************************************* ;These subroutines are serviced on TIMER 0 Interrupts. They come from: ; T0_IT_VECT + 4 for both - IT/CAPTURE ; and - DMA IT/CAPTURE end of block ; T0_IT_VECT + 6 for - IT/COMPARE ;*********************************************************************** ; Timer 0 CAPTURE Interrupt subroutine: ; - IT Capture on event on EXTA ; - DMA IT/CAPTURE end of block T0_CAP: spp #T0D_PG ; Timer 0 data register page tm T_FLAGR,#ccp0 ; mask successful capture jxz RESET_START ; this is not an IT CAPTURE ; == Pb tm T_FLAGR,#ocp0 ; overrun on Capture 0 ? jxnz RESET_START ; yes == RESET and T_FLAGR,#~cp0 ; reset successful capture flags and T_FLAGR,#~ocp0 ; reset overrun on capture 0 flag iret ; return from interrupt ;************************************************************************ |