| データシートサーチシステム |
|
AN413 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN413 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 45 page ![]() AN413 Examples of A/D converter configurations Doc ID 1875 Rev 2 37/45 Appendix D Examples of A/D converter configurations ;********************************************************************* proc SG_CONV{ ; A/D Converter is configured as follows: ; - one shot conversion ; - power up mode ; - IT upon End of Conversion ; - Start mode ; - Autoscan from channel number AD_CONV ; - No INT upon Analog Compare spp #AD0_PG ; A/D converter register page ld AD_CLR,#00000100b ; Control logic register ; power up ; Stop ; Single mode ; Channel 0 ld AD_CRR,#00h ; Compare result register ld AD_ICR,#00100000b ; Interrupt control register ; mask analog watchdog ; enable end of conversion or AD_ICR,#IT_CAD_LEVEL ; Priority level = 6 ld AD_IVR,#ADC_IT_VECT ; Interrupt vector register ld r0,ad_conv ; AD_CONV = channel number swap r0 rcf rlc r0 ; mask for channel number or AD_CLR,r0 ; start conversion address ld R10, #40 loop [R10] { ; wait 60ms before start the first ; conversion nop } or AD_CLR,#st ; start conversion } ;************************************************************* ; A/D END OF CONVERSION INTERRUPT SUBROUTINE ADC_EOC: spp #AD0_PG ; A/D converter register page |